Part Number Hot Search : 
AK4675EG 1N4754 K1492 K1492 TD623 SMS15P1 MN14142 KK4006BN
Product Description
Full Text Search
 

To Download KRA109M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1998. 7. 8 1/4 semiconductor technical data kra107m~KRA109M epitaxial planar pnp transistor revision no : 3 switching application. interface circuit and driver circuit application. features  with built-in bias resistors  simplify circuit design  reduce a quantity of parts and manufacturing process 1 2 3 to-92m dim millimeters a b c d e f g h j k 1. emitter 2. collector 3. base 3.20 max 4.30 max 0.55 max 2.40 0.15 1.27 2.30 14.00 0.50 0.60 max 1.05 1.45 25 0.55 max l m n f a g j k d ee l n m c h 0.80 o 0.75 o b + _ + _ type no. r1(k u ) r2(k u ) kra107m 10 47 kra108m 22 47 KRA109M 47 22 characteristic symbol rating unit output voltage kra107m  109m v o -50 v input voltage kra107m v i -30, 6 v kra108m -40, 7 KRA109M -40, 15 output current kra107m  109m i o -100 ma power dissipation p d 400 mw junction temperature t j 150 1 storage temperature range t stg -55  150 1 equivalent circuit bias resistor values maximum rating (ta=25 1 ) r1 r2 common(+) out in
1998. 7. 8 2/4 kra107m~KRA109M revision no : 3 electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit output cut-off current kra107m  109m i o(off) v o =-50v, v i =0 - - -500 na dc current gain kra107m g i v o =-5v, i o =-10ma 80 150 - kra108m 80 150 - KRA109M 70 140 - output voltage kra107m  109m v o(on) i o =-10ma, i i =-0.5ma - -0.1 -0.3 v input voltage (on) kra107m v i(on) v o =-0.2v, i o =-5ma - -1.2 -1.8 v kra108m - -1.8 -2.6 KRA109M - -3.0 -5.8 input votlage (off) kra107m v i(off) v o =-5v, i o =-0.1ma -0.5 -0.75 - v kra108m -0.6 -0.88 - KRA109M -1.5 -1.82 - transition frequency kra107m  109m f t * v o =-10v, i o =-5ma - 200 - mhz input current kra107m i i v i =-5v - - -0.88 ma kra108m - - -0.36 KRA109M - - -0.16 switching time rise time kra107m t r v o =-5v, v in =-5v r l =1k u - 0.07 -  s kra108m - 0.20 - KRA109M - 0.38 - storage time kra107m t stg - 1.1 - kra108m - 0.3 - KRA109M - 0.7 - fall time kra107m t f - 0.35 - kra108m - 0.4 - KRA109M - 0.48 - note : * characteristic of transistor only.
1998. 7. 8 3/4 kra107m~KRA109M revision no : 3 i - v i(on) input on voltage v (v) -0.1 -0.3 -1 -3 -0.3 o output current i (ma) o i(on) i - v i(on) input on voltage v (v) o output current i (ma) o i(on) i - v i(on) input on voltage v (v) o output current i (ma) o i(on) i - v i(off) input on voltage v (v) o output current i ( a) o i(off) i - v i(off) input on voltage v (v) o output current i ( a) o i(off) i - v i(off) input on voltage v (v) o output current i ( a) o i(off) -10 -30 -100 -0.5 -1 -3 -5 -10 -30 -50 -100 kra107m -0.1 -0.5 -0.3 -1 -10 -3 -5 -0.3 -100 -50 -30 kra108m -30 -1 -3 -10 -100 -0.1 -0.3 -0.5 -1 -0.3 -30 -1 -3 -10 -100 -10 -5 -3 -30 -100 -50 KRA109M 0 -50 -30 -100 -1k -300 -500 -3k kra107m v =-0.2v o ta=100 c ta=25 c ta=-25 c -25 25 100 ta=25 c ta=-25 c ta=100 c v =-5v o v =-0.2v o ta= 10 0 c ta=-25 c ta=25 c v =-0.2v o -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 ta=100 c ta=25 c ta=-25 c -1.4 -500 -0.4 -50 -30 -300 -100 -0.2 ta=-25 c -0.6 -0.8 ta=1 00 c ta= 2 5 c -1.0 -1.2 -1k -3k v =-5v kra108m o -1.6 -2.6 -500 -0.6 -50 -30 -300 -100 -0.2 ta=-25 c -1.0 -1.4 ta=100 c ta=25 c -1.8 -2.2 -1k -3k v =-5v KRA109M o -3.0 -1.8 -3.4
1998. 7. 8 4/4 kra107m~KRA109M revision no : 3 output current i (ma) dc current gain g -3 -1 20 50 -10 o output current i (ma) o output current i (ma) o -30 i dc current gain g i dc current gain g i 100 1k v =-5v kra107m o g - i io g - i io g - i io -100 300 500 -3 -1 20 50 100 500 300 1k kra108m v =-5v o -10 -30 -100 -3 -1 20 50 100 500 300 1k KRA109M v =-5v o -10 -30 -100 ta=100 c ta=25 c ta=-25 c ta=100 c ta=25 c ta=-25 c ta=100 c ta=25 c ta=-25 c


▲Up To Search▲   

 
Price & Availability of KRA109M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X